Part Number Hot Search : 
216200 D150M CA2813B SKIIP KA7805E 69200 MHR66TF 2N5108
Product Description
Full Text Search
 

To Download IXFV74N20P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2004 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 175 c 200 v v dgr t j = 25 c to 175 c; r gs = 1 m ? 200 v v gs continuous 20 v v gsm transient 30 v i d25 t c = 25 c74a i dm t c = 25 c, pulse width limited by t jm 200 a i ar t c = 25 c60a e ar t c = 25 c40mj e as t c = 25 c 1.0 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 150 c, r g = 4 ? p d t c = 25 c 480 w t j -55 ... +175 c t jm 175 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c plastic body for 10 s 250 c f c mounting force (plus220) 1.13 /10 nm/lb.in. m d mounting torque (to-247) 1.13/10 nm/lb.in. weight to-247 6.0 g plus220 4.0 g g = gate d = drain s = source tab = drain ds99209(09/04) symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v dss v gs = 0 v, i d = 250 a 200 v v gs(th) v ds = v gs , i d = 250 a 2.5 5.0 v i gss v gs = 20 v dc , v ds = 0 100 na i dss v ds = v dss 25 a v gs = 0 v t j = 125 c 250 a r ds(on) v gs = 10 v, i d = 0.5 i d25 34 m ? pulse test, t 300 s, duty cycle d 2 % polarht tm hiperfet power mosfet v dss = 200 v i d25 =74 a r ds(on) =34 m ? ? ? ? ? t rr 200 ns n-channel enhancement mode fast recovery diode, avalanche rated features z international standard packages z unclamped inductive switching (uis) rated z low package inductance - easy to drive and to protect advantages z easy to mount z space savings z high power density preliminary data sheet ixfh 74n20p ixfv 74n20p ixfv 74n20ps g s d plus220 (ixfv) g s plus220smd (ixfv-ps) g d s to-247 (ixfh) d (tab) d (tab) d (tab)
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 74n20p ixfv 74n20p ixfv 74n20ps symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 0.5 i d25 , pulse test 30 44 s c iss 3300 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 800 pf c rss 190 pf t d(on) 23 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = i d25 21 ns t d(off) r g = 4 ? (external) 60 ns t f 21 ns q g(on) 107 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 24 nc q gd 52 nc r thjc 0.31 k/w r thck (to-247, plus220) 0.21 k/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 74 a i sm repetitive 180 a v sd i f = i s , v gs = 0 v, 1.5 v pulse test, t 300 s, duty cycle d 2 % t rr i f = 25 a, -di/dt = 100 a/ s 120 200 ns q rm v r = 100 v 0.4 c i rm 6a ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 to-247 (ixfh) outline dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc terminals: 1 - gate 2 - drain 1 2 3 d1 l l3 l1 e1 e e b d c a2 a1 a l2 terminals: 1-gate 2-drain e1 e l2 d l3 l l1 3x b 2x e c a2 a1 a e1 d1 plus220 (ixfv) outline l l3 l2 l1 a1 e1 e d1 e b d c a2 a a3 l4 terminals: 1-gate 2-drain e e1 d l2 a a1 l1 l l3 e 2x b c a2 l4 a3 e1 plus220smd (ixfv-ps) outline
? 2004 ixys all rights reserved fig. 2. extended output characteristics @ 25 o c 0 20 40 60 80 100 120 140 160 180 200 02468101214161820 v d s - volts i d - amperes v gs = 10v 9v 7v 6v 8v 5v fig. 3. output characteristics @ 150 o c 0 10 20 30 40 50 60 70 80 01234567 v d s - volts i d - amperes v gs = 10v 9v 8v 5v 6v 7v fig. 1. output characteristics @ 25 o c 0 10 20 30 40 50 60 70 80 00.511.5 22.533.5 v d s - volts i d - amperes v gs = 10v 9v 8v 7v 6v 5v fig. 4. r ds(on ) norm alized to 0.5 i d25 value vs. junction temperature 0.6 1 1.4 1.8 2.2 2.6 3 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade r d s ( o n ) - normalized i d = 74a i d = 37a v gs = 10v fig. 6. drain current vs. case temperature 0 10 20 30 40 50 60 70 80 -50 -25 0 25 50 75 100 125 150 175 t c - degrees centigrade i d - amperes fig. 5. r ds(on) norm alized to 0.5 i d25 value vs. i d 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 0 20 40 60 80 100 120 140 160 180 200 i d - amperes r d s ( o n ) - normalize d t j = 175oc t j = 25oc v gs = 10v v gs = 10v v gs = 15v ixfh 74n20p ixfv 74n20p ixfv 74n20ps
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 74n20p ixfv 74n20p ixfv 74n20ps fig. 11. capacitance 100 1000 10000 0 5 10 15 20 25 30 35 40 v d s - volts capacitance - picofarads c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 102030405060708090100110 q g - nanocoulombs v g s - volts v ds = 100v i d = 37a i g = 10ma fig. 7. input admittance 0 10 20 30 40 50 60 70 80 90 100 3.5 4 4.5 5 5.5 6 6.5 7 v g s - volts i d - amperes t j = 150oc 25oc -40oc fig. 8. transconductance 0 10 20 30 40 50 60 0 20406080100120 i d - amperes g f s - siemens t j = -40oc 25oc 150oc fig. 9. source current vs. source-to-drain voltage 0 20 40 60 80 100 120 140 160 180 200 0.4 0.6 0.8 1 1.2 1.4 v s d - volts i s - amperes t j = 150oc t j = 25oc fig. 12. forw ard-bias safe operating area 1 10 100 1000 10 100 1000 v d s - volts i d - amperes 100s 1ms dc t j = 175oc t c = 25oc r ds(on) limit 10ms 25 s
? 2004 ixys all rights reserved ixfh 74n20p ixfv 74n20p ixfv 74n20ps fig. 13. m axim um trans ie nt the rm al re s is tance 0.01 0.10 1.00 1 10 100 1000 pulse width - milliseconds r ( t h ) j c - oc / w


▲Up To Search▲   

 
Price & Availability of IXFV74N20P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X